Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA7630 Datasheet (PDF) - Fairchild Semiconductor

FDMA7630 Datasheet PDF - Fairchild Semiconductor
Part # FDMA7630
Download  FDMA7630 Download

File Size   219.72 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 13 m廓

FDMA7630 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMA7630 Datasheet PDF - Fairchild Semiconductor

Part # FDMA7630
Download  FDMA7630 Click to download

File Size   219.72 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 13 m廓

FDMA7630 Datasheet (HTML) - Fairchild Semiconductor

FDMA7630 Datasheet HTML 1Page - Fairchild Semiconductor FDMA7630 Datasheet HTML 2Page - Fairchild Semiconductor FDMA7630 Datasheet HTML 3Page - Fairchild Semiconductor FDMA7630 Datasheet HTML 4Page - Fairchild Semiconductor FDMA7630 Datasheet HTML 5Page - Fairchild Semiconductor FDMA7630 Datasheet HTML 6Page - Fairchild Semiconductor



Similar Part No. - FDMA7630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA7632 FAIRCHILD-FDMA7632 Datasheet
218Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 19 m廓
More results


Similar Description - FDMA7630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA7670 FAIRCHILD-FDMA7670 Datasheet
212Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 15 m廓
FDMA7632 FAIRCHILD-FDMA7632 Datasheet
218Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 19 m廓
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
FDB110N15A FAIRCHILD-FDB110N15A Datasheet
242Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150 V, 92 A, 11 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com