Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6001-0XUTG-1 Datasheet (PDF) - Littelfuse

SP6001-0XUTG-1 Datasheet PDF - Littelfuse
Part # SP6001-0XUTG-1
Download  SP6001-0XUTG-1 Download

File Size   110.48 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LCD and camera interfaces in mobile devices are vulnerable to EMI from the cellular band

SP6001-0XUTG-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6001-0XUTG-1 Datasheet PDF - Littelfuse

Part # SP6001-0XUTG-1
Download  SP6001-0XUTG-1 Click to download

File Size   110.48 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LCD and camera interfaces in mobile devices are vulnerable to EMI from the cellular band

SP6001-0XUTG-1 Datasheet (HTML) - Littelfuse

SP6001-0XUTG-1 Datasheet HTML 1Page - Littelfuse

SP6001-0XUTG-1 Product details

Description

The Littelfuse SP6001 SPA series integrates 4, 6 and 8 EMI filters (C-R-C) into a small, low-profile UDFN package with each filter providing greater than -30dB attenuation at 1GHz. Additionally, each I/O is capable of shunting ±30kV ESD strikes (IEC61000-4-2, contact discharge) away from sensitive electronic components. The performance of this small, slim design makes it extremely suitable for mobile handsets, PDAs and notebook computers.



Features

• EMI filtering of frequencies from 800MHz to 3GHz

• Greater than -30dB attenuation (TYP) at 1GHz

• ESD, IEC61000-4-2, ±30kV contact, ±30kV air

• Small, low-profile UDFN package (TYP 0.5mm height)



Applications

• Keypad interface for portable electronics

• LCD and camera display interfaces for handsets

• Connector interfaces for portable electronics

• Mobile phone

• Smartphone

• Portable navigation device



 




Similar Part No. - SP6001-0XUTG-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP6001-04UTG-1 LITTELFUSE-SP6001-04UTG-1 Datasheet
477Kb / 8P
   SP6001 Lead-Free/Green Series
SP6001-06UTG-1 LITTELFUSE-SP6001-06UTG-1 Datasheet
477Kb / 8P
   SP6001 Lead-Free/Green Series
SP6001-08UTG-1 LITTELFUSE-SP6001-08UTG-1 Datasheet
477Kb / 8P
   SP6001 Lead-Free/Green Series
More results


Similar Description - SP6001-0XUTG-1

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV5680 OMNIVISION-OV5680 Datasheet
597Kb / 2P
   Cellular and Mobile Phones
logo
STMicroelectronics
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
   LC filters for mobile phone LCD and camera links
logo
OKI electronic componet...
MSM74017 OKI-MSM74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com