Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7829BR Datasheet (PDF) - Analog Devices

AD7829BR Datasheet PDF - Analog Devices
Part # AD7829BR
Download  AD7829BR Download

File Size   240.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs

AD7829BR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7829BR Datasheet PDF - Analog Devices

Part # AD7829BR
Download  AD7829BR Click to download

File Size   240.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs

AD7829BR Datasheet (HTML) - Analog Devices

Back Button AD7829BR Datasheet HTML 1Page - Analog Devices AD7829BR Datasheet HTML 2Page - Analog Devices AD7829BR Datasheet HTML 3Page - Analog Devices AD7829BR Datasheet HTML 4Page - Analog Devices AD7829BR Datasheet HTML 5Page - Analog Devices AD7829BR Datasheet HTML 6Page - Analog Devices AD7829BR Datasheet HTML 7Page - Analog Devices AD7829BR Datasheet HTML 8Page - Analog Devices AD7829BR Datasheet HTML 9Page - Analog Devices AD7829BR Datasheet HTML 10Page - Analog Devices Next Button 

AD7829BR Product details

GENERAL DESCRIPTION
The AD7822/AD7825/AD7829 are high speed, 1-, 4-, and 8-channel, microprocessor-compatible, 8-bit analog-to-digital converters with a maximum throughput of 2 MSPS. The AD7822/AD7825/AD7829 contain an on-chip reference of 2.5 V (2% tolerance); a track-and-hold amplifier; a 420 ns, 8-bit halfflash ADC; and a high speed parallel interface. The converters can operate from a single 3 V ± 10% and 5 V ± 10% supply.
   
FEATURES
    8-bit half-flash ADC with 420 ns conversion time
    One, four, and eight single-ended analog input channels
        Available with input offset adjust
    On-chip track-and-hold
    SNR performance given for input frequencies up to 10 MHz
    On-chip reference (2.5 V)
    Automatic power-down at the end of conversion
    Wide operating supply range
        3 V ± 10% and 5 V ± 10%
    Input ranges
        0 V to 2 V p-p, VDD = 3 V ± 10%
        0 V to 2.5 V p-p, VDD = 5 V ± 10%
    Flexible parallel interface with EOC pulse to allow
        standalone operation
   
APPLICATIONS
    Data acquisition systems, DSP front ends
    Disk drives
    Mobile communication systems, subsampling
        applications
   




Similar Part No. - AD7829BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7829BR AD-AD7829BR Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829BR-REEL AD-AD7829BR-REEL Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829BR-REEL7 AD-AD7829BR-REEL7 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829BRU AD-AD7829BRU Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
More results


Similar Description - AD7829BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com