Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8001 Datasheet (PDF) - Fairchild Semiconductor

FOD8001 Datasheet PDF - Fairchild Semiconductor
Part # FOD8001
Download  FOD8001 Download

File Size   624.28 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Noise Immunity, 3.3V/5V Logic Gate Optocoupler

FOD8001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD8001 Datasheet PDF - Fairchild Semiconductor

Part # FOD8001
Download  FOD8001 Click to download

File Size   624.28 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Noise Immunity, 3.3V/5V Logic Gate Optocoupler

FOD8001 Datasheet (HTML) - Fairchild Semiconductor

Back Button FOD8001 Datasheet HTML 1Page - Fairchild Semiconductor FOD8001 Datasheet HTML 2Page - Fairchild Semiconductor FOD8001 Datasheet HTML 3Page - Fairchild Semiconductor FOD8001 Datasheet HTML 4Page - Fairchild Semiconductor FOD8001 Datasheet HTML 5Page - Fairchild Semiconductor FOD8001 Datasheet HTML 6Page - Fairchild Semiconductor FOD8001 Datasheet HTML 7Page - Fairchild Semiconductor FOD8001 Datasheet HTML 8Page - Fairchild Semiconductor FOD8001 Datasheet HTML 9Page - Fairchild Semiconductor FOD8001 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD8001 Product details

Description
The FOD8001 is a 3.3V/5V high-speed logic gate Optocoupler, which supports isolated communications allowing digital signals to communicate between systems without conducting ground loops or hazardous voltages. It utilizes Fairchild’s proprietarycoplanar packaging technology, Optoplanar®, and optimized IC design toachieve high noise immunity, characterized by high common mode rejection and power supply rejection specifications.

Features
■ High Noise Immunity characterized by Common Mode Rejection (CMR) and Power Supply Rejection (PSR) specifications
    – 20kV/µs Minimum Static CMR @ Vcm = 1000V
    – 25kV/µs Typical Dynamic CMR @ Vcm = 1500V, 20MBaud Rate
    – PSR in excess of 10% of the supply voltages across full operating bandwidth
■ High Speed:
    – 25Mbit/sec Date Rate (NRZ)
    – 40ns max. Propagation Delay
    – 6ns max. Pulse Width Distortion
    – 20ns max. Propagation Delay Skew
■ 3.3V and 5V CMOS Compatibility
■ Extended industrial temperate range, -40°C to 105°C temperature range
■ Safety and regulatory pending approvals:
    – UL1577, 3750 VACRMS for 1 min.
    – IEC60747-5-2 (pending)

Applications
■ Industrial fieldbus communications
    – Profibus, DeviceNet, CAN, RS485
■ Programmable Logic Control
■ Isolated Data Acquisition System




Similar Part No. - FOD8001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FOD8001R2 ONSEMI-FOD8001R2 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results


Similar Description - FOD8001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com