Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95873 Datasheet (PDF) - Intersil Corporation

ISL95873 Datasheet PDF - Intersil Corporation
Part # ISL95873
Download  ISL95873 Download

File Size   533.75 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck PWM Controller with Internal Compensation and External Reference Tracking

ISL95873 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95873 Datasheet PDF - Intersil Corporation

Part # ISL95873
Download  ISL95873 Click to download

File Size   533.75 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck PWM Controller with Internal Compensation and External Reference Tracking

ISL95873 Datasheet (HTML) - Intersil Corporation

Back Button ISL95873 Datasheet HTML 1Page - Intersil Corporation ISL95873 Datasheet HTML 2Page - Intersil Corporation ISL95873 Datasheet HTML 3Page - Intersil Corporation ISL95873 Datasheet HTML 4Page - Intersil Corporation ISL95873 Datasheet HTML 5Page - Intersil Corporation ISL95873 Datasheet HTML 6Page - Intersil Corporation ISL95873 Datasheet HTML 7Page - Intersil Corporation ISL95873 Datasheet HTML 8Page - Intersil Corporation ISL95873 Datasheet HTML 9Page - Intersil Corporation ISL95873 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL95873 Product details

The ISL95873 is a Single-Phase Synchronous-Buck PWM controller featuring Intersil’s proprietary R4™ Technology. The R4™ modulator has integrated compensation, fast transient performance, accurate switching frequency control, and excellent light-load efficiency. These technology advances, together with integrated MOSFET drivers and a Schottky bootstrap diode, allow for a high performance regulator that is highly compact and needs few external components. Differential remote sensing of the output voltage is an additional feature. For maximum efficiency, the converter automatically enters diode-emulation mode (DEM) during light-load conditions, such as system standby.

Features
• External reference tracking
• Intersil’s R4™ modulator technology
  - Internal compensation
  - Fast, optimal transient response
• Input voltage range: 3.3V to 25V
• Output voltage range: 0.5V to 3.3V
• Precision voltage regulation
  - ±0.5% System accuracy over -10°C to +100°C
• Output voltage remote sense
• Fixed 300kHz PWM frequency in continuous conduction
  - Proprietary frequency control loop
• Automatic diode emulation mode for highest efficiency
• Power-good monitor for soft-start and fault detection

Applications
• Compact buck regulators requiring external tracking




Similar Part No. - ISL95873

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873HRUZ-T RENESAS-ISL95873HRUZ-T Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
More results


Similar Description - ISL95873

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com