Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148M Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

1N4148M Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # 1N4148M
Download  1N4148M Download

File Size   308.79 Kbytes
Page   3 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description SMALL SIGNAL SWITCHING DIODE

1N4148M Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4148M Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # 1N4148M
Download  1N4148M Click to download

File Size   308.79 Kbytes
Page   3 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description SMALL SIGNAL SWITCHING DIODE

1N4148M Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD

1N4148M Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD 1N4148M Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD 1N4148M Datasheet HTML 3Page - Kwang Myoung I.S. CO.,LTD

1N4148M Product details

REVERSE VOLTAGE : 75 V
CURRENT: 0.15 A

FEATURES
◇ Silicon epitaxial planar diode
◇ High speed switching diode
◇ 500 mW power dissipation
◇ These diodes are also available in glass case DO-35. Mini-MELF




Similar Part No. - 1N4148M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
logo
SEMTECH ELECTRONICS LTD...
1N4148M SEMTECH_ELEC-1N4148M Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
Continental Device Indi...
1N4148M CDIL-1N4148M Datasheet
192Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
logo
Surge Components
1N4148M SURGE-1N4148M Datasheet
1Mb / 2P
   Silicin Epitaxial Planar Switching Diode
More results


Similar Description - 1N4148M

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com