Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0428150011 Datasheet (PDF) - Molex Electronics Ltd.

0428150011 Datasheet PDF - Molex Electronics Ltd.
Part # 0428150011
Download  0428150011 Download

File Size   147.65 Kbytes
Page   2 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description FEMALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.

0428150011 Datasheet (PDF)

Go To PDF Page Download Datasheet
0428150011 Datasheet PDF - Molex Electronics Ltd.

Part # 0428150011
Download  0428150011 Click to download

File Size   147.65 Kbytes
Page   2 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description FEMALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.

0428150011 Datasheet (HTML) - Molex Electronics Ltd.

0428150011 Datasheet HTML 1Page - Molex Electronics Ltd. 0428150011 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - 0428150011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428150032 MOLEX11-0428150032 Datasheet
147Kb / 2P
   FEMALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
More results


Similar Description - 0428150011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428150032 MOLEX11-0428150032 Datasheet
147Kb / 2P
   FEMALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
0428170131 MOLEX11-0428170131 Datasheet
168Kb / 2P
   MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
0468190002 MOLEX6-0468190002 Datasheet
157Kb / 2P
   High Power Terminal 60A, 8Awg Crimp, Tin(Sn)
2174832202 MOLEX-2174832202 Datasheet
87Kb / 1P
   MINIFIT SR. M-S 150MM 12 AWG LEAD RD Au
2021/02/05
2174812203 MOLEX-2174812203 Datasheet
81Kb / 1P
   MINIFIT SR. F-S 225MM 12 AWG LEAD RD Au
2021/02/05
2174831202 MOLEX-2174831202 Datasheet
87Kb / 1P
   MINIFIT SR. M-S 150MM 12 AWG LEAD BK Au
2021/02/05
2174832212 MOLEX-2174832212 Datasheet
87Kb / 1P
   MINIFIT SR. M-S 150MM 10 AWG LEAD RD Au
2021/02/05
2174811212 MOLEX-2174811212 Datasheet
81Kb / 1P
   MINIFIT SR. F-S 150MM 10 AWG LEAD BK Au
2021/02/05
0428160412 MOLEX11-0428160412 Datasheet
202Kb / 1P
   RECEPT. HOUSING SINGLE ROW MINIFIT SR.
0428192222 MOLEX11-0428192222 Datasheet
236Kb / 1P
   VERTICAL HEADER ASSEMBLY MINIFIT SR. SERIES
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com