Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5687R Datasheet (PDF) - Analog Devices

AD5687R Datasheet PDF - Analog Devices
Part # AD5687R
Download  AD5687R Download

File Size   684.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface

AD5687R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5687R Datasheet PDF - Analog Devices

Part # AD5687R
Download  AD5687R Click to download

File Size   684.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface

AD5687R Datasheet (HTML) - Analog Devices

Back Button AD5687R Datasheet HTML 1Page - Analog Devices AD5687R Datasheet HTML 2Page - Analog Devices AD5687R Datasheet HTML 3Page - Analog Devices AD5687R Datasheet HTML 4Page - Analog Devices AD5687R Datasheet HTML 5Page - Analog Devices AD5687R Datasheet HTML 6Page - Analog Devices AD5687R Datasheet HTML 7Page - Analog Devices AD5687R Datasheet HTML 8Page - Analog Devices AD5687R Datasheet HTML 9Page - Analog Devices AD5687R Datasheet HTML 10Page - Analog Devices Next Button 

AD5687R Product details

GENERAL DESCRIPTION
The AD5689R/AD5687R members of the nanoDAC+™ family are low power, dual, 16-/12-bit buffered voltage output digital-to-analog converters (DACs). The devices include a 2.5 V, 2 ppm/°C internal reference (enabled by default) and a gain select pin giving a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). The devices operate from a single 2.7 V to 5.5 V supply, are guaranteed monotonic by design, and exhibit less than 0.1% FSR gain error and 1.5 mV offset error performance. Both devices are available in a 3 mm × 3 mm LFCSP and a TSSOP package.

FEATURES
    High relative accuracy (INL): ±2 LSB maximum at 16 bits
    Low drift 2.5 V reference: 2 ppm/°C typical
    Tiny package: 3 mm × 3 mm, 16-lead LFCSP
    TUE: ±0.1% of FSR maximum
    Offset error: ±1.5 mV maximum
    Gain error: ±0.1% of FSR maximum
    High drive capability: 20 mA, 0.5 V from supply rails
    User-selectable gain of 1 or 2 (GAIN pin)
    Reset to zero scale or midscale (RSTSEL pin)
    1.8 V logic compatibility
    50 MHz SPI with readback or daisy chain
    Low glitch: 0.5 nV-sec
    Low power: 3.3 mW at 3 V
    2.7 V to 5.5 V power supply
    −40°C to +105°C temperature range

APPLICATIONS
    Optical transceivers
    Base station power amplifiers
    Process control (PLC I/O cards)
    Industrial automation
    Data acquisition systems




Similar Part No. - AD5687R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5687 AD-AD5687 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5687BCPZ-RL7 AD-AD5687BCPZ-RL7 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5687BRUZ AD-AD5687BRUZ Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5687BRUZ-RL7 AD-AD5687BRUZ-RL7 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
More results


Similar Description - AD5687R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com