Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT574 Datasheet (PDF) - Fairchild Semiconductor

74ABT574 Datasheet PDF - Fairchild Semiconductor
Part # 74ABT574
Download  74ABT574 Download

File Size   120.64 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Flip-Flop with 3-STATE Outputs

74ABT574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT574 Datasheet PDF - Fairchild Semiconductor

Part # 74ABT574
Download  74ABT574 Click to download

File Size   120.64 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Flip-Flop with 3-STATE Outputs

74ABT574 Datasheet (HTML) - Fairchild Semiconductor

74ABT574 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 9Page - Fairchild Semiconductor 74ABT574 Datasheet HTML 10Page - Fairchild Semiconductor

74ABT574 Product details

General Description

The ABT574 is an octal flip-flop with a buffered common Clock (CP) and a buffered common Output Enable (OE).

The information presented to the D inputs is stored in the flip-flops on the LOW-to-HIGH Clock (CP) transition.

The device is functionally identical to the ABT374 but has broadside pinouts.



Features

■ Inputs and outputs on opposite sides of package allowing easy interface with microprocessors

■ Useful as input or output port for microprocessors

■ Functionally identical to ABT374

■ 3-STATE outputs for bus-oriented applications

■ Output sink capability of 64 mA, source capability of 32 mA

■ Guaranteed output skew

■ Guaranteed multiple output switching specifications

■ Output switching specified for both 50 pF and 250 pF loads

■ Guaranteed simultaneous switching, noise level and dynamic threshold performance

■ Guaranteed latchup protection

■ High impedance glitch free bus loading during entire power up and power down cycle

■ Non-destructive hot insertion capability



 




Similar Part No. - 74ABT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT574 FAIRCHILD-74ABT574 Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
74ABT574AD PHILIPS-74ABT574AD Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
74ABT574ADB PHILIPS-74ABT574ADB Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
74ABT574AN PHILIPS-74ABT574AN Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
More results


Similar Description - 74ABT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com