Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT139 Datasheet (PDF) - Fairchild Semiconductor

74ACT139 Datasheet PDF - Fairchild Semiconductor
Part # 74ACT139
Download  74ACT139 Download

File Size   98.19 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual 1-of-4 Decoder/Demultiplexer

74ACT139 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT139 Datasheet PDF - Fairchild Semiconductor

Part # 74ACT139
Download  74ACT139 Click to download

File Size   98.19 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual 1-of-4 Decoder/Demultiplexer

74ACT139 Datasheet (HTML) - Fairchild Semiconductor

74ACT139 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT139 Datasheet HTML 9Page - Fairchild Semiconductor

74ACT139 Product details

General Description
The AC/ACT139 is a high-speed, dual 1-of-4 decoder/demultiplexer. The device has two independent decoders, each accepting two inputs and providing four mutually exclusive active-LOW outputs. Each decoder has an active-LOW Enable input which can be used as a data input for a 4-output demultiplexer. Each half of the AC/ACT139 can be used as a function generator providing all four minterms of two variables.

Features
■ ICC reduced by 50%
■ Multifunction capability
■ Two completely independent 1-of-4 decoders
■ Active LOW mutually exclusive outputs
■ Outputs source/sink 24 mA
■ ACT139 has TTL-compatible inputs




Similar Part No. - 74ACT139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT139 TI-74ACT139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
Hitachi Semiconductor
74ACT139 HITACHI-74ACT139 Datasheet
61Kb / 10P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74ACT139 ONSEMI-74ACT139 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74ACT139 FAIRCHILD-74ACT139 Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
74ACT139MTC FAIRCHILD-74ACT139MTC Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Similar Description - 74ACT139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com