Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT14MTCX Datasheet (PDF) - Fairchild Semiconductor

74ACT14MTCX Datasheet PDF - Fairchild Semiconductor
Part # 74ACT14MTCX
Download  74ACT14MTCX Download

File Size   132.62 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Inverter with Schmitt Trigger Input

74ACT14MTCX Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT14MTCX Datasheet PDF - Fairchild Semiconductor

Part # 74ACT14MTCX
Download  74ACT14MTCX Click to download

File Size   132.62 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Inverter with Schmitt Trigger Input

74ACT14MTCX Datasheet (HTML) - Fairchild Semiconductor

74ACT14MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACT14MTCX Datasheet HTML 9Page - Fairchild Semiconductor

74ACT14MTCX Product details

General Description

The 74AC14 and 74ACT14 contain six inverter gates each with a Schmitt trigger input. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. In addition, they have a greater noise margin than conven tional inverters.



Features

ICCreduced by 50%

Outputs source/sink 24 mA

74ACT14 has TTL-compatible inputs




Similar Part No. - 74ACT14MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT14MTC ONSEMI-74ACT14MTC Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74ACT14MTC ONSEMI-74ACT14MTC Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Fairchild Semiconductor
74ACT14MTC FAIRCHILD-74ACT14MTC_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
More results


Similar Description - 74ACT14MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com