Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ16373MEA Datasheet (PDF) - Fairchild Semiconductor

74ACTQ16373MEA Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ16373MEA
Download  74ACTQ16373MEA Download

File Size   94.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Transparent Latch with 3-STATE Outputs

74ACTQ16373MEA Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ16373MEA Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ16373MEA
Download  74ACTQ16373MEA Click to download

File Size   94.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Transparent Latch with 3-STATE Outputs

74ACTQ16373MEA Datasheet (HTML) - Fairchild Semiconductor

74ACTQ16373MEA Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16373MEA Datasheet HTML 8Page - Fairchild Semiconductor

74ACTQ16373MEA Product details

General Description
The ACTQ16373 contains sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear transparent to the data when the Latch Enable (LE) is HIGH. When LE is low, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in high Z state. The ACTQ16373 utilizes Fairchild’s Quiet Series¥ technology to guarantee quiet output switching and improved dynamic threshold performance. FACT Quiet Series¥ features GTO¥ output control for superior performance.

Features
■ Utilizes Fairchild FACT Quiet Series technology
■ Guaranteed simultaneous switching noise level and
   dynamic threshold performance
■ Guaranteed pin-to-pin output skew
■ Separate control logic for each byte
■ 16-bit version of the ACTQ373
■ Outputs source/sink 24 mA
■ Additional specs for Multiple Output Switching
■ Output Loading specs for both 50 pF and 250 pF loads




Similar Part No. - 74ACTQ16373MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373MTD FAIRCHILD-74ACTQ16373MTD Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
More results


Similar Description - 74ACTQ16373MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com