Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16601 Datasheet (PDF) - Fairchild Semiconductor

74ALVC16601 Datasheet PDF - Fairchild Semiconductor
Part # 74ALVC16601
Download  74ALVC16601 Download

File Size   100.99 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs

74ALVC16601 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16601 Datasheet PDF - Fairchild Semiconductor

Part # 74ALVC16601
Download  74ALVC16601 Click to download

File Size   100.99 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs

74ALVC16601 Datasheet (HTML) - Fairchild Semiconductor

74ALVC16601 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 8Page - Fairchild Semiconductor

74ALVC16601 Product details

General Description
The ALVC16601 is an 18-bit universal bus transceiver which combines D-type latches and D-type flip-flops to allow data flow in transparent, latched, and clocked modes.

Features
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD (A to B, B to A)
    3.4 ns max for 3.0V to 3.6V VCC
    4.0 ns max for 2.3V to 2.7V VCC
    7.0 ns max for 1.65V 1.95V VCC
■ Power-down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Uses patented noise/EMI reduction circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
    Human body model > 2000V
    Machine model >200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)




Similar Part No. - 74ALVC16601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162240T FAIRCHILD-74ALVC162240T Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
logo
ON Semiconductor
74ALVC162244 ONSEMI-74ALVC162244 Datasheet
205Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised November 2001
logo
Fairchild Semiconductor
74ALVC162244GX FAIRCHILD-74ALVC162244GX Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
More results


Similar Description - 74ALVC16601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com