Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC38MTC Datasheet (PDF) - Fairchild Semiconductor

74ALVC38MTC Datasheet PDF - Fairchild Semiconductor
Part # 74ALVC38MTC
Download  74ALVC38MTC Download

File Size   71.76 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs

74ALVC38MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC38MTC Datasheet PDF - Fairchild Semiconductor

Part # 74ALVC38MTC
Download  74ALVC38MTC Click to download

File Size   71.76 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs

74ALVC38MTC Datasheet (HTML) - Fairchild Semiconductor

74ALVC38MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC38MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC38MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC38MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC38MTC Datasheet HTML 5Page - Fairchild Semiconductor

74ALVC38MTC Product details

General Description
The ALVC38 contains four 2-input NAND gates with open drain outputs. This product is designed for low voltage (1.4V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The ALVC38 is fabricated with advanced CMOS technology to achieve high-speed operation while maintaining CMOS low power dissipation.
   
Features
■ 1.4V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
    3.3 ns max for 3.0V to 3.6V VCC
    4.2 ns max for 2.3V to 2.7V VCC
    6.7 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Uses patented Quiet Series noise/EMI reduction
    circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
    Human body model > 2000V
    Machine model > 250V
   




Similar Part No. - 74ALVC38MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC38MTC FAIRCHILD-74ALVC38MTC Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74ALVC38MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX38 FAIRCHILD-74VCX38 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC38 FAIRCHILD-74ALVC38_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38_05 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com