Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744325120 Datasheet (PDF) - Analog Devices

744325120 Datasheet PDF - Analog Devices
Part # 744325120
Download  744325120 Download

File Size   650.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator

744325120 Datasheet (PDF)

Go To PDF Page Download Datasheet
744325120 Datasheet PDF - Analog Devices

Part # 744325120
Download  744325120 Click to download

File Size   650.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator

744325120 Datasheet (HTML) - Analog Devices

Back Button 744325120 Datasheet HTML 1Page - Analog Devices 744325120 Datasheet HTML 2Page - Analog Devices 744325120 Datasheet HTML 3Page - Analog Devices 744325120 Datasheet HTML 4Page - Analog Devices 744325120 Datasheet HTML 5Page - Analog Devices 744325120 Datasheet HTML 6Page - Analog Devices 744325120 Datasheet HTML 7Page - Analog Devices 744325120 Datasheet HTML 8Page - Analog Devices 744325120 Datasheet HTML 9Page - Analog Devices 744325120 Datasheet HTML 10Page - Analog Devices Next Button 

744325120 Product details

GENERAL DESCRIPTION
The ADP2384 is a synchronous, step-down dc-to-dc regulator with an integrated 44 mΩ, high-side power MOSFET and an 11.6 mΩ, synchronous rectifier MOSFET to provide a high efficiency solution in a compact 4 mm × 4 mm LFCSP package.
   
FEATURES
    Input voltage: 4.5 V to 20 V
    Integrated MOSFET: 44 mΩ/11.6 mΩ
    Reference voltage: 0.6 V ± 1%
    Continuous output current: 4 A
    Programmable switching frequency: 200 kHz to 1.4 MHz
    Synchronizes to external clock: 200 kHz to 1.4 MHz
    180° out-of-phase clock synchronization
    Precision enable and power good
    External compensation
    Internal soft start with external adjustable option
    Startup into a precharged output
    Supported by ADIsimPower design tool
   
APPLICATIONS
    Communications infrastructure
    Networking and servers
    Industrial and instrumentation
    Healthcare and medical
    Intermediate power rail conversion
    DC-to-dc point-of-load applications
   




Similar Part No. - 744325120

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744325120 WURTH-744325120 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Similar Description - 744325120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com