Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX14 Datasheet (PDF) - Fairchild Semiconductor

LCX14 Datasheet PDF - Fairchild Semiconductor
Part # LCX14
Download  LCX14 Download

File Size   82.83 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs

LCX14 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX14 Datasheet PDF - Fairchild Semiconductor

Part # LCX14
Download  LCX14 Click to download

File Size   82.83 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs

LCX14 Datasheet (HTML) - Fairchild Semiconductor

Back Button LCX14 Datasheet HTML 1Page - Fairchild Semiconductor LCX14 Datasheet HTML 2Page - Fairchild Semiconductor LCX14 Datasheet HTML 3Page - Fairchild Semiconductor LCX14 Datasheet HTML 4Page - Fairchild Semiconductor LCX14 Datasheet HTML 5Page - Fairchild Semiconductor LCX14 Datasheet HTML 6Page - Fairchild Semiconductor LCX14 Datasheet HTML 7Page - Fairchild Semiconductor LCX14 Datasheet HTML 8Page - Fairchild Semiconductor LCX14 Datasheet HTML 9Page - Fairchild Semiconductor LCX14 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

LCX14 Product details

General Description

The LCX14 contains six inverter gates each with a Schmitt trigger input. They are capable of transforming slowly

changing input signals into sharply defined, jitter-free output signals. In addition, they have a greater noise margin than conventional inverters.



Features

■5V tolerant inputs

■2.3V–3.6V VCCspecifications provided

■6.5 ns tPDmax (VCC  3.3V), 10 PA ICCmax

■Power down high impedance inputs and outputs

■r24 mA output drive (VCC  3.0V)

■Implements patented noise/EMI reduction circuitry

■Latch-up performance exceeds JEDEC 78 conditions

■ESD performance:

    Machine model !200V

    Human model !2000V

■Leadless Pb-Free DQFN package




Similar Part No. - LCX14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCX14 STMICROELECTRONICS-LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
More results


Similar Description - LCX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14MTCX FAIRCHILD-74LCX14MTCX Datasheet
777Kb / 13P
   74LCX14 Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com