Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH2245WM Datasheet (PDF) - Fairchild Semiconductor

74LCXH2245WM Datasheet PDF - Fairchild Semiconductor
Part # 74LCXH2245WM
Download  74LCXH2245WM Download

File Size   200.04 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs

74LCXH2245WM Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCXH2245WM Datasheet PDF - Fairchild Semiconductor

Part # 74LCXH2245WM
Download  74LCXH2245WM Click to download

File Size   200.04 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs

74LCXH2245WM Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCXH2245WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 9Page - Fairchild Semiconductor 74LCXH2245WM Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LCXH2245WM Product details

General Description
The LCXH2245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is designed for low voltage (2.5V and 3.3V) VCC applications. The T/R input determines the direction of data flow through the device. The OE input disables both the A and B ports by placing them in a high impedance state. The 26Ω series resistor in the B Port output helps reduce output overshoot and undershoot.

Features
■ 5V tolerant control inputs
■ 2.3V–3.6V VCC specifications provided
■ Bushold on inputs eliminates the need for external pull-up/pull-down resistors
■ 7.0 ns tPD max (VCC = 3.3V), 10 µA ICC max
■ Power down high impedance outputs
■ ±12 mA output drive B Port (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ Equivalent 26Ω series resistor on B Port outputs
■ ESD performance:
   Human body model > 2000V
   Machine model > 200V




Similar Part No. - 74LCXH2245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH2245WM FAIRCHILD-74LCXH2245WM Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
More results


Similar Description - 74LCXH2245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH2245 FAIRCHILD-74ALVCH2245 Datasheet
84Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs
74VCXH2245 FAIRCHILD-74VCXH2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold and 26廓 Series Resistors in B Outputs
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com