Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXZ16244GX Datasheet (PDF) - Fairchild Semiconductor

74LCXZ16244GX Datasheet PDF - Fairchild Semiconductor
Part # 74LCXZ16244GX
Download  74LCXZ16244GX Download

File Size   203.72 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs

74LCXZ16244GX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCXZ16244GX Datasheet PDF - Fairchild Semiconductor

Part # 74LCXZ16244GX
Download  74LCXZ16244GX Click to download

File Size   203.72 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs

74LCXZ16244GX Datasheet (HTML) - Fairchild Semiconductor

74LCXZ16244GX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 8Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 9Page - Fairchild Semiconductor 74LCXZ16244GX Datasheet HTML 10Page - Fairchild Semiconductor

74LCXZ16244GX Product details

General Description
The LCXZ16244 contains sixteen non-inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. When VCC is between 0 and 1.5V, the LCXZ12644 is in the high impedance state during power up or power down. This places the outputs in high impedance (Z) state preventing intermittent low impedance loading or glitching in bus oriented applications.

Features
■ 5V tolerant inputs and outputs
■ Guaranteed power up/down high impedance
■ Supports live insertion/withdrawal
■ 2.7V–3.6V VCC specifications provided
■ 4.5 ns tPD max (VCC = 3.0V), 20 µA ICC max
■ ±24 mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
  Human body model > 2000V
  Machine model > 200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)




Similar Part No. - 74LCXZ16244GX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXZ16244GX ONSEMI-74LCXZ16244GX Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
More results


Similar Description - 74LCXZ16244GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16244 NSC-54LCX16244 Datasheet
77Kb / 5P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
   Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCXZ16240 FAIRCHILD-74LCXZ16240 Datasheet
87Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs (Preliminary)
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com