Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ02 Datasheet (PDF) - Fairchild Semiconductor

74LVQ02 Datasheet PDF - Fairchild Semiconductor
Part # 74LVQ02
Download  74LVQ02 Download

File Size   64.5 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NOR Gate

74LVQ02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ02 Datasheet PDF - Fairchild Semiconductor

Part # 74LVQ02
Download  74LVQ02 Click to download

File Size   64.5 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NOR Gate

74LVQ02 Datasheet (HTML) - Fairchild Semiconductor

74LVQ02 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ02 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ02 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ02 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ02 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ02 Datasheet HTML 6Page - Fairchild Semiconductor

74LVQ02 Product details

General Description

The LVQ02 contains four 2-input NOR gates.



Features

■Ideal for low power/low noise 3.3V applications

■Guaranteed simultaneous switching noise level and dynamic threshold performance

■Guaranteed pin-to-pin skew AC performance

■Guaranteed incident wave switching into 75Ω




Similar Part No. - 74LVQ02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02 Datasheet
56Kb / 8P
   QUAD 2-INPUT NOR GATE
February 1999
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
74LVQ02M STMICROELECTRONICS-74LVQ02M Datasheet
56Kb / 8P
   QUAD 2-INPUT NOR GATE
February 1999
74LVQ02MTR STMICROELECTRONICS-74LVQ02MTR Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
More results


Similar Description - 74LVQ02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
logo
ON Semiconductor
74LVX02 ONSEMI-74LVX02 Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX02 FAIRCHILD-74LVX02 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com