Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ08 Datasheet (PDF) - Fairchild Semiconductor

74LVQ08 Datasheet PDF - Fairchild Semiconductor
Part # 74LVQ08
Download  74LVQ08 Download

File Size   63.79 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input AND Gate

74LVQ08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ08 Datasheet PDF - Fairchild Semiconductor

Part # 74LVQ08
Download  74LVQ08 Click to download

File Size   63.79 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input AND Gate

74LVQ08 Datasheet (HTML) - Fairchild Semiconductor

74LVQ08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 6Page - Fairchild Semiconductor

74LVQ08 Product details

General Description
The LVQ08 contains four, 2-input AND gates.

Features
■ Ideal for low power/low noise 3.3V applications
■ Guaranteed simultaneous switching noise level and
   dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Guaranteed incident wave switching into 75Ω




Similar Part No. - 74LVQ08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ08 STMICROELECTRONICS-74LVQ08 Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
STMicroelectronics
74LVQ08M STMICROELECTRONICS-74LVQ08M Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
74LVQ08MTR STMICROELECTRONICS-74LVQ08MTR Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74LVQ08SC FAIRCHILD-74LVQ08SC Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
More results


Similar Description - 74LVQ08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com