Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ241SJ Datasheet (PDF) - Fairchild Semiconductor

74LVQ241SJ Datasheet PDF - Fairchild Semiconductor
Part # 74LVQ241SJ
Download  74LVQ241SJ Download

File Size   62.7 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs

74LVQ241SJ Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ241SJ Datasheet PDF - Fairchild Semiconductor

Part # 74LVQ241SJ
Download  74LVQ241SJ Click to download

File Size   62.7 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs

74LVQ241SJ Datasheet (HTML) - Fairchild Semiconductor

74LVQ241SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ241SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ241SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ241SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ241SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ241SJ Datasheet HTML 6Page - Fairchild Semiconductor

74LVQ241SJ Product details

General Description
The LVQ241 is an octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which provides improved PC board density.

Features
■ Ideal for low power/low noise 3.3V applications
■ Implements patented EMI reduction circuitry
■ Available in SOIC JEDEC, SOIC EIAJ and QSOP packages
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Improved latch-up immunity
■ Guaranteed incident wave switching into 75Ω
■ 4 kV minimum ESD immunity




Similar Part No. - 74LVQ241SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ241SJ FAIRCHILD-74LVQ241SJ Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74LVQ241SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com