Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH574WMX Datasheet (PDF) - Fairchild Semiconductor

74LVTH574WMX Datasheet PDF - Fairchild Semiconductor
Part # 74LVTH574WMX
Download  74LVTH574WMX Download

File Size   109.08 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs

74LVTH574WMX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVTH574WMX Datasheet PDF - Fairchild Semiconductor

Part # 74LVTH574WMX
Download  74LVTH574WMX Click to download

File Size   109.08 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs

74LVTH574WMX Datasheet (HTML) - Fairchild Semiconductor

74LVTH574WMX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH574WMX Datasheet HTML 8Page - Fairchild Semiconductor

74LVTH574WMX Product details

General Description
The LVT574 and LVTH574 are high-speed, low-power octal D-type flip-flop featuring separate D-type inputs for each flip-flop and 3-STATE outputs for bus-oriented applications. A buffered Clock (CP) and Output Enable (OE) are common to all flip-flops.

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs (74LVTH574), also available without bushold feature (74LVT574)
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free bus loading
■ Outputs source/sink 32 mA/64 mA
■ Functionally compatible with the 74 series 574
■ Latch-up performance exceeds 500 mA
■ ESD performance:
   Human-body model > 2000V
   Machine model > 200V
   Charged-device model > 1000V




Similar Part No. - 74LVTH574WMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVTH574WM ONSEMI-74LVTH574WM Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVTH574WM FAIRCHILD-74LVTH574WM_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74LVTH574WMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com