Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX04 Datasheet (PDF) - Fairchild Semiconductor

74LVX04 Datasheet PDF - Fairchild Semiconductor
Part # 74LVX04
Download  74LVX04 Download

File Size   62.5 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Hex Inverter

74LVX04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX04 Datasheet PDF - Fairchild Semiconductor

Part # 74LVX04
Download  74LVX04 Click to download

File Size   62.5 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Hex Inverter

74LVX04 Datasheet (HTML) - Fairchild Semiconductor

74LVX04 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX04 Datasheet HTML 6Page - Fairchild Semiconductor

74LVX04 Product details

General Description
The LVX04 contains six inverters. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems.

Features
■ Input voltage level translation from 5V to 3V
■ Ideal for low power/low noise 3.3V applications
■ Guaranteed simultaneous switching noise level and dynamic threshold performance




Similar Part No. - 74LVX04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
STMicroelectronics
74LVX04M STMICROELECTRONICS-74LVX04M Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
logo
ON Semiconductor
74LVX04M ONSEMI-74LVX04M Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
More results


Similar Description - 74LVX04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVQ04 FAIRCHILD-74LVQ04 Datasheet
60Kb / 5P
   Low Voltage Hex Inverter
74LVX04 FAIRCHILD-74LVX04_08 Datasheet
307Kb / 8P
   Low Voltage Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com