Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX16244 Datasheet (PDF) - Fairchild Semiconductor

74VCX16244 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX16244
Download  74VCX16244 Download

File Size   52.02 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs

74VCX16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX16244 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX16244
Download  74VCX16244 Click to download

File Size   52.02 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs

74VCX16244 Datasheet (HTML) - Fairchild Semiconductor

74VCX16244 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 9Page - Fairchild Semiconductor 74VCX16244 Datasheet HTML 10Page - Fairchild Semiconductor

74VCX16244 Product details

General Description

The VCX16244 contains sixteen non-inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble (4-bit) controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation.



FeatuFeatures

■1.2V to 3.6V VCC supply operation

■3.6V tolerant inputs and outputs

■tPD

2.5 ns max for 3.0V to 3.6V VCC

■Power-off high impedance inputs and outputs

■Supports live insertion and withdrawal (Note 1)

■Static Drive (IOH/IOL)

r24 mA @ 3.0V VCC

■Uses patented noise/EMI reduction circuitry

■Latch-up performance exceeds 300 mA

■ESD performance:

Human body model !2000V

Machine model !200V

■Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74VCX16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16244 ONSEMI-74VCX16244 Datasheet
85Kb / 10P
   Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
November, 2004 ??Rev. 4
74VCX16244 ONSEMI-74VCX16244 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74VCX16244DT ONSEMI-74VCX16244DT Datasheet
85Kb / 10P
   Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
November, 2004 ??Rev. 4
74VCX16244DT ONSEMI-74VCX16244DT Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
More results


Similar Description - 74VCX16244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16827 FAIRCHILD-74VCX16827 Datasheet
55Kb / 7P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16827 FAIRCHILD-74ALVC16827 Datasheet
76Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
International Rectifier
74VCX16827 IRF-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX32244 FAIRCHILD-74VCX32244 Datasheet
106Kb / 9P
   Low Voltage 32-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com