Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX163245MTD Datasheet (PDF) - Fairchild Semiconductor

74VCX163245MTD Datasheet PDF - Fairchild Semiconductor
Part # 74VCX163245MTD
Download  74VCX163245MTD Download

File Size   87.94 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs

74VCX163245MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX163245MTD Datasheet PDF - Fairchild Semiconductor

Part # 74VCX163245MTD
Download  74VCX163245MTD Click to download

File Size   87.94 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs

74VCX163245MTD Datasheet (HTML) - Fairchild Semiconductor

74VCX163245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 9Page - Fairchild Semiconductor

74VCX163245MTD Product details

General Description
The VCX163245 is a dual supply, 16-bit translating transceiver that is designed for 2 way asynchronous communication between busses at different supply voltages by providing true signal translation. The supply rails consist of VCCA, which is a higher potential rail operating at 2.3V to 3.6V and VCCB, which is the lower potential rail operating at 1.65V to 2.7V. (VCCB must be less than or equal to VCCA for proper device operation). This dual supply design allows for translation from 1.8V to 2.5V busses to busses at a higher potential, up to 3.3V.

Features
■ Bidirectional interface between busses ranging from 1.65V to 3.6V
■ Supports Live Insertion and Withdrawal (Note 1)
■ Static Drive (IOH/IOL) ±24 mA @ 3.0V VCC ±18 mA @ 2.3V VCC ±6 mA @ 1.65V VCC
■ Uses patented Quiet Series¥ noise/EMI reduction circuitry
■ Functionally compatible with 74 series 16245
■ Latchup performance exceeds 300 mA
■ ESD performance: Human Body Model !2000V Machine model !200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74VCX163245MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX163245MTD ONSEMI-74VCX163245MTD Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245MTD FAIRCHILD-74VCX163245MTD_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Similar Description - 74VCX163245MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com