Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX38 Datasheet (PDF) - Fairchild Semiconductor

74VCX38 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX38
Download  74VCX38 Download

File Size   63.03 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs

74VCX38 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX38 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX38
Download  74VCX38 Click to download

File Size   63.03 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs

74VCX38 Datasheet (HTML) - Fairchild Semiconductor

74VCX38 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX38 Datasheet HTML 6Page - Fairchild Semiconductor

74VCX38 Product details

General Description
The VCX38 contains four 2-input NAND gates with open drain outputs. This product is designed for low voltage (1.2V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The VCX38 is fabricated with advanced CMOS technology to achieve high-speed operation while maintaining CMOS low power dissipation.

Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD 2.8 ns max for 3.0V to 3.6V VCC
■ Power-Off high impedance inputs and outputs
■ Static Drive (IOL) +24 mA @ 3.0V VCC
■ Uses patented Quiet Series¥ noise/EMI reduction circuitry
■ Latchup performance exceeds JEDEC 78 conditions
■ ESD performance:
  Human body model ! 2000V
  Machine model ! 250V
■ Leadless Pb-Free DQFN package




Similar Part No. - 74VCX38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX38 FAIRCHILD-74VCX38 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38BQX FAIRCHILD-74VCX38BQX Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38M FAIRCHILD-74VCX38M Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38MTC FAIRCHILD-74VCX38MTC Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38MTCX_NL FAIRCHILD-74VCX38MTCX_NL Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74VCX38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC38 FAIRCHILD-74ALVC38 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC38 FAIRCHILD-74ALVC38_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38_05 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com