Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH245WM Datasheet (PDF) - Fairchild Semiconductor

74VCXH245WM Datasheet PDF - Fairchild Semiconductor
Part # 74VCXH245WM
Download  74VCXH245WM Download

File Size   81.3 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Bidirectional Transceiver with Bushold

74VCXH245WM Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCXH245WM Datasheet PDF - Fairchild Semiconductor

Part # 74VCXH245WM
Download  74VCXH245WM Click to download

File Size   81.3 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Bidirectional Transceiver with Bushold

74VCXH245WM Datasheet (HTML) - Fairchild Semiconductor

74VCXH245WM Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH245WM Datasheet HTML 8Page - Fairchild Semiconductor

74VCXH245WM Product details

General Description
The VCXH245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The T/R input determines the direction of data flow. The OE input disables both the A and B Ports by placing them in a high impedance state. The VCXH245 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level.
The 74VCXH245 is designed for low voltage (1.2V to 3.6V) VCC applications.
The 74VCXH245 is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation.

Features
■ 1.2V to 3.6V VCC supply operation
■ Bushold on data inputs eliminates the need for external
   pull-up/pull-down resistors
■ tPD
   3.5 ns max for 3.0V to 3.6V VCC
■ Static Drive (IOH/IOL)
   ±24 mA @ 3.0V VCC
■ Uses patented Quiet Series¥ noise/EMI reduction circuitry
■ Latchup performance exceeds 300 mA
■ ESD performance:
   Human body model > 2000V
   Machine model > 200V




Similar Part No. - 74VCXH245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH245WM FAIRCHILD-74VCXH245WM Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
More results


Similar Description - 74VCXH245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com