Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD3580 Datasheet (PDF) - Fairchild Semiconductor

FDD3580 Datasheet PDF - Fairchild Semiconductor
Part # FDD3580
Download  FDD3580 Download

File Size   125.36 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 80V N-Channel PowerTrench??MOSFET

FDD3580 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD3580 Datasheet PDF - Fairchild Semiconductor

Part # FDD3580
Download  FDD3580 Click to download

File Size   125.36 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 80V N-Channel PowerTrench??MOSFET

FDD3580 Datasheet (HTML) - Fairchild Semiconductor

FDD3580 Datasheet HTML 1Page - Fairchild Semiconductor FDD3580 Datasheet HTML 2Page - Fairchild Semiconductor FDD3580 Datasheet HTML 3Page - Fairchild Semiconductor FDD3580 Datasheet HTML 4Page - Fairchild Semiconductor FDD3580 Datasheet HTML 5Page - Fairchild Semiconductor

FDD3580 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers.
This MOSFET features faster switching and lower gate change than other MOSFETs with comparable RDS(ON) specifications resulting in DC/DC power supply designs with higher overall efficiency.
   
Features
• 7.7 A, 80 V. RDS(ON) = 29 mΩ @ VGS = 10 V
                      RDS(ON) = 33 mΩ @ VGS = 6 V
• Low gate charge (34nC typical)
• Fast switching speed
• High performance trench technology for extremely
    low RDS(ON)
• High power and current handling capability
   




Similar Part No. - FDD3580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
logo
Inchange Semiconductor ...
FDD3580 ISC-FDD3580 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDD3580

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com