Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4051 Datasheet (PDF) - Fairchild Semiconductor

74VHC4051 Datasheet PDF - Fairchild Semiconductor
Part # 74VHC4051
Download  74VHC4051 Download

File Size   108.93 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer

74VHC4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC4051 Datasheet PDF - Fairchild Semiconductor

Part # 74VHC4051
Download  74VHC4051 Click to download

File Size   108.93 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer

74VHC4051 Datasheet (HTML) - Fairchild Semiconductor

Back Button 74VHC4051 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4051 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74VHC4051 Product details

General Description

These multiplexers are digitally controlled analog switches implemented in advanced silicon-gate CMOS technology. These switches have low “on” resistance and low “off” leakages. They are bidirectional switches, thus any analog input may be used as an output and vice-versa. Also these

switches contain linearization circuitry which lowers the “on” resistance and increases switch linearity. These devices allow control of up to ±6V (peak) analog signals with digital control signals of 0 to 6V. Three supply pins are provided for VCC, ground, and VEE. This enables the con

nection of 0–5V logic signals when VCC =5V and an analog input range of ±5V when VEE =5V. All three devices also have an inhibit control which when high will disable all switches to their off state. All analog inputs and outputs and digital inputs are protected from electrostatic damage by diodes to VCC and ground.



Features

■Wide analog input voltage range: ±6V

■Low “on” resistance: 50 typ. (VCC–VEE =4.5V)

                              30 typ. (VCC–VEE =9V)

■Logic level translation to enable 5V logic with ±5V analog signals

■Low quiescent current: 80 µA maximum

■Matched switch characteristic

■Pin and function compatible with the 74HC4051/ 4052/4053




Similar Part No. - 74VHC4051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Toshiba Semiconductor
74VHC4051AFT TOSHIBA-74VHC4051AFT Datasheet
327Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-04-26 Rev.6.0
logo
Fairchild Semiconductor
74VHC4051M FAIRCHILD-74VHC4051M Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
74VHC4051MTC FAIRCHILD-74VHC4051MTC Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results


Similar Description - 74VHC4051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com