Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4014BC Datasheet (PDF) - Fairchild Semiconductor

CD4014BC Datasheet PDF - Fairchild Semiconductor
Part # CD4014BC
Download  CD4014BC Download

File Size   67.34 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Stage Static Shift Register

CD4014BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4014BC Datasheet PDF - Fairchild Semiconductor

Part # CD4014BC
Download  CD4014BC Click to download

File Size   67.34 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Stage Static Shift Register

CD4014BC Datasheet (HTML) - Fairchild Semiconductor

CD4014BC Datasheet HTML 1Page - Fairchild Semiconductor CD4014BC Datasheet HTML 2Page - Fairchild Semiconductor CD4014BC Datasheet HTML 3Page - Fairchild Semiconductor CD4014BC Datasheet HTML 4Page - Fairchild Semiconductor CD4014BC Datasheet HTML 5Page - Fairchild Semiconductor CD4014BC Datasheet HTML 6Page - Fairchild Semiconductor CD4014BC Datasheet HTML 7Page - Fairchild Semiconductor

CD4014BC Product details

General Description
The CD4014BC is an 8-stage parallel input/serial output shift register. A parallel/serial control input enables individual JAM inputs to each of 8 stages. Q outputs are available from the sixth, seventh and eighth stages. All outputs have equal source and sink current capabilities and conform to standard “B” series output drive.
   
Features
■ Wide supply voltage range: 3.0V to 15V
■ High noise immunity: 0.45 VDD (typ.)
■ Low power TTL compatibility: Fan out of 2 driving 74L
    or 1 driving 74LS
■ 5V–10V–15V parametric ratings
■ Symmetrical output characteristics
■ Maximum input leakage:
    1 µA at 15V over full temperature range
   




Similar Part No. - CD4014BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4014BC NSC-CD4014BC Datasheet
142Kb / 6P
   8-Stage Static Shift Register
More results


Similar Description - CD4014BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
CD4021BC FAIRCHILD-CD4021BC Datasheet
70Kb / 7P
   8-Stage Static Shift Register
logo
Texas Instruments
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com