Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4021 Datasheet (PDF) - Fairchild Semiconductor

CD4021 Datasheet PDF - Fairchild Semiconductor
Part # CD4021
Download  CD4021 Download

File Size   70.55 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Stage Static Shift Register

CD4021 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4021 Datasheet PDF - Fairchild Semiconductor

Part # CD4021
Download  CD4021 Click to download

File Size   70.55 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Stage Static Shift Register

CD4021 Datasheet (HTML) - Fairchild Semiconductor

CD4021 Datasheet HTML 1Page - Fairchild Semiconductor CD4021 Datasheet HTML 2Page - Fairchild Semiconductor CD4021 Datasheet HTML 3Page - Fairchild Semiconductor CD4021 Datasheet HTML 4Page - Fairchild Semiconductor CD4021 Datasheet HTML 5Page - Fairchild Semiconductor CD4021 Datasheet HTML 6Page - Fairchild Semiconductor CD4021 Datasheet HTML 7Page - Fairchild Semiconductor

CD4021 Product details

General Description

The CD4021BC is an 8-stage parallel input/serial output shift register. A parallel/serial control input enables individ ual JAM inputs to each of 8 stages. Q outputs are available from the sixth, seventh, and eighth stages. All outputs have equal source and sink current capabilities and conform to

standard “B” series output drive. When the parallel/serial control input is in the logical “0”

state, data is serially shifted into the register synchronously with the positive transition of the clock. When the parallel/serial control is in the logical “1” state, data is jammed into each stage of the register asynchronously with the clock.

All inputs are protected against static discharge with diodes to VDDand VSS.





Features

■Wide supply voltage range: 3.0V to 15V

■High noise immunity: 0.45 VDD(typ.)

■Low power TTL compatibility:

    Fan out of 2 driving 74L or 1 driving 74LS

■5V–10V–15V parametric ratings

■Symmetrical output characteristics

■Maximum input leakage 1 µA at 15V over full temperature range




Similar Part No. - CD4021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4021 INTERSIL-CD4021 Datasheet
93Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
CD4021B TI-CD4021B Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
CD4021B TI1-CD4021B Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
CD4021B-MIL TI1-CD4021B-MIL Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
More results


Similar Description - CD4021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
CD4014BC FAIRCHILD-CD4014BC Datasheet
67Kb / 7P
   8-Stage Static Shift Register
logo
Texas Instruments
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com