Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4044 Datasheet (PDF) - Fairchild Semiconductor

CD4044 Datasheet PDF - Fairchild Semiconductor
Part # CD4044
Download  CD4044 Download

File Size   68.54 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches

CD4044 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4044 Datasheet PDF - Fairchild Semiconductor

Part # CD4044
Download  CD4044 Click to download

File Size   68.54 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches

CD4044 Datasheet (HTML) - Fairchild Semiconductor

CD4044 Datasheet HTML 1Page - Fairchild Semiconductor CD4044 Datasheet HTML 2Page - Fairchild Semiconductor CD4044 Datasheet HTML 3Page - Fairchild Semiconductor CD4044 Datasheet HTML 4Page - Fairchild Semiconductor CD4044 Datasheet HTML 5Page - Fairchild Semiconductor CD4044 Datasheet HTML 6Page - Fairchild Semiconductor

CD4044 Product details

General Description

The CD4043BC are quad cross-couple 3-STATE CMOS NOR latches, and the CD4044BC are quad cross-couple 3-STATE CMOS NAND latches. Each latch has a separate Q output and individual SET and RESET inputs. There is a common 3-STATE ENABLE input for all four latches. A logic “1” on the ENABLE input connects the latch states to the Q outputs. A logic “0” on the ENABLE input disconnects the latch states from the Q outputs resulting in an open circuit condition on the Q output. The 3-STATE feature allows common bussing of the outputs.



Features

■ Wide supply voltage range: 3V to 15V

■ Low power: 100 nW (typ.)

■ High noise immunity: 0.45 VDD (typ.)

■ Separate SET and RESET inputs for each latch

■ NOR and NAND configuration

■ 3-STATE output with common output enable



Applications

• Multiple bus storage

• Strobed register

• Four bits of independent storage with output enable

• General digital logic



 




Similar Part No. - CD4044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4044 TI-CD4044 Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
logo
Intersil Corporation
CD4044 INTERSIL-CD4044 Datasheet
110Kb / 10P
   CMOS Quad Clocked ?쏡??Latch
December 1992
logo
List of Unclassifed Man...
CD4044 ETC2-CD4044 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4044B TI-CD4044B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4044B TI1-CD4044B Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
More results


Similar Description - CD4044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
   QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
   QUAD 3-STATE R-S LATCHES
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com