Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3032ATC44-10N Datasheet (PDF) - Altera Corporation

EPM3032ATC44-10N Datasheet PDF - Altera Corporation
Part # EPM3032ATC44-10N
Download  EPM3032ATC44-10N Download

File Size   715.02 Kbytes
Page   46 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

EPM3032ATC44-10N Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM3032ATC44-10N Datasheet PDF - Altera Corporation

Part # EPM3032ATC44-10N
Download  EPM3032ATC44-10N Click to download

File Size   715.02 Kbytes
Page   46 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

EPM3032ATC44-10N Datasheet (HTML) - Altera Corporation

Back Button EPM3032ATC44-10N Datasheet HTML 1Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 2Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 3Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 4Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 5Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 6Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 7Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 8Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 9Page - Altera Corporation EPM3032ATC44-10N Datasheet HTML 10Page - Altera Corporation Next Button 

EPM3032ATC44-10N Product details

General Description
MAX 3000A devices are low–cost, high–performance devices based on the Altera MAX architecture.
   
Features...
■ High–performance, low–cost CMOS EEPROM–based programmable
    logic devices (PLDs) built on a MAX® architecture (see Table 1)
■ 3.3-V in-system programmability (ISP) through the built–in
    IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface with
    advanced pin-locking capability
    – ISP circuitry compliant with IEEE Std. 1532
■ Built–in boundary-scan test (BST) circuitry compliant with
    IEEE Std. 1149.1-1990
■ Enhanced ISP features:
    – Enhanced ISP algorithm for faster programming
    – ISP_Done bit to ensure complete programming
    – Pull-up resistor on I/O pins during in–system programming
■ High–density PLDs ranging from 600 to 10,000 usable gates
■ 4.5–ns pin–to–pin logic delays with counter frequencies of up to
    227.3 MHz
■ MultiVoltTM I/O interface enabling the device core to run at 3.3 V,
    while I/O pins are compatible with 5.0–V, 3.3–V, and 2.5–V logic
    levels
■ Pin counts ranging from 44 to 256 in a variety of thin quad flat pack
    (TQFP), plastic quad flat pack (PQFP), plastic J–lead chip carrier
    (PLCC), and FineLine BGATM packages
■ Hot–socketing support
■ Programmable interconnect array (PIA) continuous routing structure
    for fast, predictable performance
■ Industrial temperature range (Continue ...)
   




Similar Part No. - EPM3032ATC44-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3032ATC44-10N ALTERA-EPM3032ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results


Similar Description - EPM3032ATC44-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com