Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5245BRJZ10-RL7 Datasheet (PDF) - Analog Devices

AD5245BRJZ10-RL7 Datasheet PDF - Analog Devices
Part # AD5245BRJZ10-RL7
Download  AD5245BRJZ10-RL7 Download

File Size   687.33 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position I2C짰-Compatible Digital Potentiometer

AD5245BRJZ10-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5245BRJZ10-RL7 Datasheet PDF - Analog Devices

Part # AD5245BRJZ10-RL7
Download  AD5245BRJZ10-RL7 Click to download

File Size   687.33 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position I2C짰-Compatible Digital Potentiometer

AD5245BRJZ10-RL7 Datasheet (HTML) - Analog Devices

Back Button AD5245BRJZ10-RL7 Datasheet HTML 1Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5245BRJZ10-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD5245BRJZ10-RL7 Product details

GENERAL DESCRIPTION
The AD5245 provides a compact 2.9 mm × 3 mm packaged solution for 256-position adjustment applications. These devices perform the same electronic adjustment function as mechanical potentiometers or variable resistors, with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance.

FEATURES
    256-position
    End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
    Compact SOT-23-8 (2.9 mm × 3 mm) package
    Fast settling time: tS = 5 µs typ on power-up
    Full read/write of wiper register
    Power-on preset to midscale
    Extra package address decode pin AD0
    Computer software replaces µC in factory programming applications
    Single supply: 2.7 V to 5.5 V
    Low temperature coefficient 45 ppm/°C
    Low power: IDD = 8 µA
    Wide operating temperature: –40°C to +125°C
    Evaluation board available

APPLICATIONS
    Mechanical potentiometer replacement in new designs
    LCD panel VCOM adjustment
    LCD panel brightness and contrast control
    Transducer adjustment of pressure, temperature, position,
        chemical, and optical sensors
    RF amplifier biasing
    Automotive electronics adjustment
    Gain control and offset adjustment




Similar Part No. - AD5245BRJZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJZ10-RL71 AD-AD5245BRJZ10-RL71 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Similar Description - AD5245BRJZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com