Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS161B Datasheet (PDF) - Fairchild Semiconductor

DM74ALS161B Datasheet PDF - Fairchild Semiconductor
Part # DM74ALS161B
Download  DM74ALS161B Download

File Size   92.65 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Synchronous Four-Bit Counter

DM74ALS161B Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74ALS161B Datasheet PDF - Fairchild Semiconductor

Part # DM74ALS161B
Download  DM74ALS161B Click to download

File Size   92.65 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Synchronous Four-Bit Counter

DM74ALS161B Datasheet (HTML) - Fairchild Semiconductor

DM74ALS161B Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS161B Datasheet HTML 9Page - Fairchild Semiconductor

DM74ALS161B Product details

General Description
These synchronous presettable counters feature an internal carry look ahead for application in high speed counting designs. The DM74ALS162B is a four-bit decade counter, while the DM74ALS161B and DM74ALS163B are four-bit binary counters. The DM74ALS161B clears asynchronously, while the DM74ALS162B and DM74ALS163B clear synchronously. The carry output is decoded to prevent spikes during normal counting mode of operation. Synchronous operation is provided by having all flip-flops clocked simultaneously so that outputs change coincident with each other when so instructed by count enable inputs and internal gating. This mode of operation eliminates the output counting spikes which are normally associated with asynchronous (ripple clock) counters. A buffered clock input triggers the four flip-flops on the rising (positive going) edge of the clock input waveform.

Features
■ Switching specifications at 50 pF
■ Switching specifications guaranteed over full temperature and VCC range
■ Advanced oxide-isolated, ion-implanted Schottky TTL process
■ Functionally and pin-for-pin compatible with Schottky and low power Schottky TTL counterpart
■ Improved AC performance over Schottky and low power Schottky counterparts
■ Synchronously programmable
■ Internal look ahead for fast counting
■ Carry output for n-bit cascading
■ Synchronous counting
■ Load control line
■ ESD inputs




Similar Part No. - DM74ALS161B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS165 FAIRCHILD-DM74ALS165 Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165M FAIRCHILD-DM74ALS165M Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165MX FAIRCHILD-DM74ALS165MX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165N FAIRCHILD-DM74ALS165N Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165NX FAIRCHILD-DM74ALS165NX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
More results


Similar Description - DM74ALS161B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
logo
LSI Computer Systems
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
   24-BIT FOUR-AXES QUADRATURE COUNTER
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
logo
STMicroelectronics
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
logo
Texas Instruments
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
STMicroelectronics
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com