Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS74SJX Datasheet (PDF) - Fairchild Semiconductor

DM74AS74SJX Datasheet PDF - Fairchild Semiconductor
Part # DM74AS74SJX
Download  DM74AS74SJX Download

File Size   69.14 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear

DM74AS74SJX Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74AS74SJX Datasheet PDF - Fairchild Semiconductor

Part # DM74AS74SJX
Download  DM74AS74SJX Click to download

File Size   69.14 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear

DM74AS74SJX Datasheet (HTML) - Fairchild Semiconductor

DM74AS74SJX Datasheet HTML 1Page - Fairchild Semiconductor DM74AS74SJX Datasheet HTML 2Page - Fairchild Semiconductor DM74AS74SJX Datasheet HTML 3Page - Fairchild Semiconductor DM74AS74SJX Datasheet HTML 4Page - Fairchild Semiconductor DM74AS74SJX Datasheet HTML 5Page - Fairchild Semiconductor DM74AS74SJX Datasheet HTML 6Page - Fairchild Semiconductor DM74AS74SJX Datasheet HTML 7Page - Fairchild Semiconductor

DM74AS74SJX Product details

General Description

The AS74 is a dual edge-triggered flip-flops. Each flip-flop has individual D, clock, clear and preset inputs, and also complementary Q and Q outputs. Information at input D is transferred to the Q output on the positive going edge of the clock pulse. Clock triggering occurs at a voltage level of the clock pulse and is not directly related to the transition time of the positive going pulse. When the clock input is at either the HIGH or LOW level, the D input signal has no effect.



Features

■ Switching specifications at 50 pF

■ Switching specifications guaranteed over full temperature and VCC range

■ Advanced oxide-isolated, ion-implanted Schottky TTL process

■ Functionally and pin-for-pin compatible with Schottky and LS TTL counterpart

■ Improved AC performance over S74 at approximately half the power




Similar Part No. - DM74AS74SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS00 FAIRCHILD-DM74AS00 Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00M FAIRCHILD-DM74AS00M Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00N FAIRCHILD-DM74AS00N Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS04 FAIRCHILD-DM74AS04 Datasheet
60Kb / 5P
   Hex Inverter
DM74AS04M FAIRCHILD-DM74AS04M Datasheet
60Kb / 5P
   Hex Inverter
More results


Similar Description - DM74AS74SJX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com