Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG719-EP Datasheet (PDF) - Analog Devices

ADG719-EP Datasheet PDF - Analog Devices
Part # ADG719-EP
Download  ADG719-EP Download

File Size   271.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23

ADG719-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG719-EP Datasheet PDF - Analog Devices

Part # ADG719-EP
Download  ADG719-EP Click to download

File Size   271.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23

ADG719-EP Datasheet (HTML) - Analog Devices

Back Button ADG719-EP Datasheet HTML 1Page - Analog Devices ADG719-EP Datasheet HTML 2Page - Analog Devices ADG719-EP Datasheet HTML 3Page - Analog Devices ADG719-EP Datasheet HTML 4Page - Analog Devices ADG719-EP Datasheet HTML 5Page - Analog Devices ADG719-EP Datasheet HTML 6Page - Analog Devices ADG719-EP Datasheet HTML 7Page - Analog Devices ADG719-EP Datasheet HTML 8Page - Analog Devices ADG719-EP Datasheet HTML 9Page - Analog Devices ADG719-EP Datasheet HTML 10Page - Analog Devices Next Button 

ADG719-EP Product details

GENERAL DESCRIPTION
The ADG719-EP is a monolithic CMOS SPDT switch. This switch is designed on a submicron process that provides low power dissipation yet gives high switching speed, low on resistance, and low leakage currents.
The ADG719-EP can operate from a single-supply range of 1.8 V to 5.5 V, making it ideal for use in battery-powered instruments and with the new generation of DACs and ADCs from Analog Devices, Inc.

FEATURES
   1.8 V to 5.5 V single supply
   4 Ω (max) on resistance
   0.75 Ω (typ) on resistance flatness
   −3 dB bandwidth > 200 MHz
   Rail-to-rail operation
   6-lead SOT-23 package
   Fast switching times:
      tON = 12 ns
      tOFF = 6 ns
   Typical power consumption: (< 0.01 μW)
   TTL/CMOS compatible
   Military temperature range: −55°C to +125°C

APPLICATIONS
   Battery-powered systems
   Communication systems
   Sample-and-hold systems
   Audio signal routing
   Video switching
   Mechanical reed relay replacement




Similar Part No. - ADG719-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
ADG719BRM AD-ADG719BRM Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
ADG719BRM AD-ADG719BRM Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL AD-ADG719BRM-REEL Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL7 AD-ADG719BRM-REEL7 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
More results


Similar Description - ADG719-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com