Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74244 Datasheet (PDF) - Fairchild Semiconductor

74244 Datasheet PDF - Fairchild Semiconductor
Part # 74244
Download  74244 Download

File Size   65.7 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal 3-STATE Buffer/Line Driver/Line Receiver

74244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74244 Datasheet PDF - Fairchild Semiconductor

Part # 74244
Download  74244 Click to download

File Size   65.7 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal 3-STATE Buffer/Line Driver/Line Receiver

74244 Datasheet (HTML) - Fairchild Semiconductor

74244 Datasheet HTML 1Page - Fairchild Semiconductor 74244 Datasheet HTML 2Page - Fairchild Semiconductor 74244 Datasheet HTML 3Page - Fairchild Semiconductor 74244 Datasheet HTML 4Page - Fairchild Semiconductor 74244 Datasheet HTML 5Page - Fairchild Semiconductor 74244 Datasheet HTML 6Page - Fairchild Semiconductor

74244 Product details

General Description
These buffers/line drivers are designed to improve both the performance and PC board density of 3-STATE buffers/drivers employed as memory-address drivers, clock drivers, and bus-oriented transmitters/receivers. Featuring 400 mV of hysteresis at each low current PNP data line input, they provide improved noise rejection and high fanout outputs and can be used to drive terminated lines down to 133Ω.

Features
■ 3-STATE outputs drive bus lines directly
■ PNP inputs reduce DC loading on bus lines
■ Hysteresis at data inputs improves noise margins
■ Typical IOL (sink current) 24 mA
■ Typical IOH (source current) −15 mA
■ Typical propagation delay times
   Inverting 10.5 ns
   Noninverting 12 ns
■ Typical enable/disable time 18 ns
■ Typical power dissipation (enabled)
   Inverting 130 mW
   Noninverting 135 mW




Similar Part No. - 74244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74240 FAIRCHILD-74240 Datasheet
72Kb / 7P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
List of Unclassifed Man...
74241 ETC2-74241 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
74242 ETC2-74242 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
74243 ETC2-74243 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
logo
Fairchild Semiconductor
74245 FAIRCHILD-74245 Datasheet
66Kb / 6P
   3-STATE Octal Bus Transceiver
More results


Similar Description - 74244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74LS240 FAIRCHILD-DM74LS240 Datasheet
72Kb / 7P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
logo
Integral Corp.
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com