Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2901SFV Datasheet (PDF) - Rohm

BA2901SFV Datasheet PDF - Rohm
Part # BA2901SFV
Download  BA2901SFV Download

File Size   533.37 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ground Sense Comparators

BA2901SFV Datasheet (PDF)

Go To PDF Page Download Datasheet
BA2901SFV Datasheet PDF - Rohm

Part # BA2901SFV
Download  BA2901SFV Click to download

File Size   533.37 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ground Sense Comparators

BA2901SFV Datasheet (HTML) - Rohm

Back Button BA2901SFV Datasheet HTML 1Page - Rohm BA2901SFV Datasheet HTML 2Page - Rohm BA2901SFV Datasheet HTML 3Page - Rohm BA2901SFV Datasheet HTML 4Page - Rohm BA2901SFV Datasheet HTML 5Page - Rohm BA2901SFV Datasheet HTML 6Page - Rohm BA2901SFV Datasheet HTML 7Page - Rohm BA2901SFV Datasheet HTML 8Page - Rohm BA2901SFV Datasheet HTML 9Page - Rohm BA2901SFV Datasheet HTML 10Page - Rohm Next Button 

BA2901SFV Product details

General Description
General purpose BA8391G/BA10393F/BA10339xx and high reliability BA2903xxxx/BA2901xxx integrate one, two or four independent high gain voltage comparator. Some features are the wide operating voltage that is 2V to 36V (for BA8391G/BA10393F/BA2903xxxx/BA2901xxx) 3V to 36V (for BA10339xx) and low supply current. Therefore, this series is suitable for any application.
  
Features
■ Operable with a Single Power Supply
■ Wide Operating Supply Voltage
■ Standard Comparator Pin Assignments
■ Input and Output are Ground Sense Operated
■ Open Collector
■ Wide Temperature Range
  
Application
■ General Purpose
■ Current Monitor
■ Battery Monitor
■ Multivibrators  




Similar Part No. - BA2901SFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901SFV ROHM-BA2901SFV Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2901SFV ROHM-BA2901SFV Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2901SFV ROHM-BA2901SFV Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2901SFV ROHM-BA2901SFV Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2901SFV-E2 ROHM-BA2901SFV-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
More results


Similar Description - BA2901SFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com