Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6312P Datasheet (PDF) - Fairchild Semiconductor

FDC6312P Datasheet PDF - Fairchild Semiconductor
Part # FDC6312P
Download  FDC6312P Download

File Size   88.81 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 1.8V PowerTrench Specified MOSFET

FDC6312P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC6312P Datasheet PDF - Fairchild Semiconductor

Part # FDC6312P
Download  FDC6312P Click to download

File Size   88.81 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 1.8V PowerTrench Specified MOSFET

FDC6312P Datasheet (HTML) - Fairchild Semiconductor

FDC6312P Datasheet HTML 1Page - Fairchild Semiconductor FDC6312P Datasheet HTML 2Page - Fairchild Semiconductor FDC6312P Datasheet HTML 3Page - Fairchild Semiconductor FDC6312P Datasheet HTML 4Page - Fairchild Semiconductor FDC6312P Datasheet HTML 5Page - Fairchild Semiconductor

FDC6312P Product details

General Description
These P-Channel 1.8V specified MOSFETs are produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain low gate charge for superior switching performance.

Features
• –2.3 A, –20 V.
    RDS(ON) = 115 mΩ @ VGS = –4.5 V
    RDS(ON) = 155 mΩ @ VGS = –2.5 V
    RDS(ON) = 225 mΩ @ VGS = –1.8 V
• High performance trench technology for extremely low RDS(ON)
• SuperSOTTM-6 package: small footprint (72% smaller than standard SO-8); low profile (1mm thick)




Similar Part No. - FDC6312P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6312P VBSEMI-FDC6312P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6312P TECHPUBLIC-FDC6312P Datasheet
2Mb / 4P
   Dual P-Channel 20V (D-S) MOSFET
More results


Similar Description - FDC6312P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6318P FAIRCHILD-FDC6318P Datasheet
165Kb / 5P
   Dual P-Channel 1.8V PowerTrench Specified MOSFET
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com