Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC637AN Datasheet (PDF) - Fairchild Semiconductor

FDC637AN Datasheet PDF - Fairchild Semiconductor
Part # FDC637AN
Download  FDC637AN Download

File Size   240.68 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET

FDC637AN Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC637AN Datasheet PDF - Fairchild Semiconductor

Part # FDC637AN
Download  FDC637AN Click to download

File Size   240.68 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET

FDC637AN Datasheet (HTML) - Fairchild Semiconductor

FDC637AN Datasheet HTML 1Page - Fairchild Semiconductor FDC637AN Datasheet HTML 2Page - Fairchild Semiconductor FDC637AN Datasheet HTML 3Page - Fairchild Semiconductor FDC637AN Datasheet HTML 4Page - Fairchild Semiconductor FDC637AN Datasheet HTML 5Page - Fairchild Semiconductor FDC637AN Datasheet HTML 6Page - Fairchild Semiconductor FDC637AN Datasheet HTML 7Page - Fairchild Semiconductor FDC637AN Datasheet HTML 8Page - Fairchild Semiconductor

FDC637AN Product details

General Description
This N-Channel 2.5V specified MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain low gate charge for superior switching performance.
These devices have been designed to offer exceptional power dissipation in a very small footprint compared with bigger SO-8 and TSSOP-8 packages.

Features
• 6.2 A, 20 V. RDS(on) = 0.024 Ω @ VGS = 4.5 V
                      RDS(on) = 0.032 Ω @ VGS = 2.5 V
• Fast switching speed.
• Low gate charge (10.5nC typical).
• High performance trench technology for extremely low RDS(ON).
• SuperSOTTM-6 package: small footprint (72% smaller than standard SO-8); low profile (1mm thick).

Applications
• DC/DC converter
• Load switch
• Battery Protection




Similar Part No. - FDC637AN

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC637AN VBSEMI-FDC637AN Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET
More results


Similar Description - FDC637AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com