Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC640P Datasheet (PDF) - Fairchild Semiconductor

FDC640P Datasheet PDF - Fairchild Semiconductor
Part # FDC640P
Download  FDC640P Download

File Size   261.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrenchTM MOSFET

FDC640P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC640P Datasheet PDF - Fairchild Semiconductor

Part # FDC640P
Download  FDC640P Click to download

File Size   261.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrenchTM MOSFET

FDC640P Datasheet (HTML) - Fairchild Semiconductor

FDC640P Datasheet HTML 1Page - Fairchild Semiconductor FDC640P Datasheet HTML 2Page - Fairchild Semiconductor FDC640P Datasheet HTML 3Page - Fairchild Semiconductor FDC640P Datasheet HTML 4Page - Fairchild Semiconductor FDC640P Datasheet HTML 5Page - Fairchild Semiconductor FDC640P Datasheet HTML 6Page - Fairchild Semiconductor FDC640P Datasheet HTML 7Page - Fairchild Semiconductor FDC640P Datasheet HTML 8Page - Fairchild Semiconductor

FDC640P Product details

General Description

This P-Channel 2.5V specified MOSFET uses a rugged gate version of Fairchild’s advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V – 12V).



Features

• –4.5 A, –20 V RDS(ON)= 0.053 Ω@ VGS= –4.5 V

                    RDS(ON)= 0.080 Ω@ VGS= –2.5 V

• Rugged gate rating (±12V)

• Fast switching speed

• High performance trench technology for extremely low RDS(ON)




Similar Part No. - FDC640P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC640P FAIRCHILD-FDC640P Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDC640P FAIRCHILD-FDC640P_01 Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Similar Description - FDC640P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com