Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG312P Datasheet (PDF) - Fairchild Semiconductor

FDG312P Datasheet PDF - Fairchild Semiconductor
Part # FDG312P
Download  FDG312P Download

File Size   206.75 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrench??MOSFET

FDG312P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDG312P Datasheet PDF - Fairchild Semiconductor

Part # FDG312P
Download  FDG312P Click to download

File Size   206.75 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrench??MOSFET

FDG312P Datasheet (HTML) - Fairchild Semiconductor

FDG312P Datasheet HTML 1Page - Fairchild Semiconductor FDG312P Datasheet HTML 2Page - Fairchild Semiconductor FDG312P Datasheet HTML 3Page - Fairchild Semiconductor FDG312P Datasheet HTML 4Page - Fairchild Semiconductor FDG312P Datasheet HTML 5Page - Fairchild Semiconductor FDG312P Datasheet HTML 6Page - Fairchild Semiconductor FDG312P Datasheet HTML 7Page - Fairchild Semiconductor FDG312P Datasheet HTML 8Page - Fairchild Semiconductor

FDG312P Product details

General Description
This P-Channel MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance. These devices are well suited for portable electronics applications.
   
Features
• -1.2 A, -20 V. RDS(on) = 0.18 Ω @ VGS = -4.5 V
                         RDS(on) = 0.25 Ω @ VGS = -2.5 V.
• Low gate charge (3.3 nC typical).
• High performance trench technology for extremely
    low RDS(ON).
• Compact industry standard SC70-6 surface mount
    package.
   
Applications
• Load switch
• Battery protection
• Power management
   




Similar Part No. - FDG312P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
   Digital FET, N-Channel
FDG314P FAIRCHILD-FDG314P Datasheet
84Kb / 5P
   Digital FET, P-Channel
FDG315 FAIRCHILD-FDG315 Datasheet
81Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
FDG315N FAIRCHILD-FDG315N Datasheet
81Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
More results


Similar Description - FDG312P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com