Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN335 Datasheet (PDF) - Fairchild Semiconductor

FDN335 Datasheet PDF - Fairchild Semiconductor
Part # FDN335
Download  FDN335 Download

File Size   210.05 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel 2.5V Specified PowerTrenchTM MOSFET

FDN335 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN335 Datasheet PDF - Fairchild Semiconductor

Part # FDN335
Download  FDN335 Click to download

File Size   210.05 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel 2.5V Specified PowerTrenchTM MOSFET

FDN335 Datasheet (HTML) - Fairchild Semiconductor

FDN335 Datasheet HTML 1Page - Fairchild Semiconductor FDN335 Datasheet HTML 2Page - Fairchild Semiconductor FDN335 Datasheet HTML 3Page - Fairchild Semiconductor FDN335 Datasheet HTML 4Page - Fairchild Semiconductor FDN335 Datasheet HTML 5Page - Fairchild Semiconductor FDN335 Datasheet HTML 6Page - Fairchild Semiconductor FDN335 Datasheet HTML 7Page - Fairchild Semiconductor FDN335 Datasheet HTML 8Page - Fairchild Semiconductor

FDN335 Product details

General Description
This N-Channel 2.5V specified MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.

Features
• 1.7 A, 20 V.
   RDS(ON) = 0.07 Ω @ VGS = 4.5 V
   RDS(ON) = 0.100 Ω @ VGS = 2.5 V.
• Low gate charge (3.5nC typical).
• High performance trench technology for extremely low RDS(ON).
• High power and current handling capability.

Applications
• DC/DC converter
• Load switch




Similar Part No. - FDN335

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
FDN335N UMW-FDN335N Datasheet
384Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN335N-NL VBSEMI-FDN335N-NL Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results


Similar Description - FDN335

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com