Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359AN Datasheet (PDF) - Fairchild Semiconductor

FDN359AN Datasheet PDF - Fairchild Semiconductor
Part # FDN359AN
Download  FDN359AN Download
File Size   264.85 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PowerTrenchTM MOSFET

FDN359AN Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN359AN Datasheet PDF - Fairchild Semiconductor

Part # FDN359AN
Download  FDN359AN Click to download

File Size   264.85 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PowerTrenchTM MOSFET

FDN359AN Datasheet (HTML) - Fairchild Semiconductor


FDN359AN Product details

General Description
This N-Channel Logic Level MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
■ 2.7 A, 30 V.
   RDS(ON) = 0.046 W @ VGS = 10 V
   RDS(ON) = 0.060 W @ VGS = 4.5 V.
■ Very fast switching.
■ Low gate charge (5nC typical).
■ High power version of industry standard SOT-23
   package. Identical pin out to SOT-23 with 30% higher
   power handling capability.




Similar Part No. - FDN359AN

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDN359AN UMW-FDN359AN Datasheet
415Kb / 5P
N-Channel 30 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN359AN EVVOSEMI-FDN359AN Datasheet
327Kb / 5P
N-Channel 30 V (D-S) MOSFET
Rev:2023A2
More results


Similar Description - FDN359AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com