Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN5630 Datasheet (PDF) - Fairchild Semiconductor

FDN5630 Datasheet PDF - Fairchild Semiconductor
Part # FDN5630
Download  FDN5630 Download

File Size   254.3 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V N-Channel PowerTrench MOSFET

FDN5630 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN5630 Datasheet PDF - Fairchild Semiconductor

Part # FDN5630
Download  FDN5630 Click to download

File Size   254.3 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V N-Channel PowerTrench MOSFET

FDN5630 Datasheet (HTML) - Fairchild Semiconductor

FDN5630 Datasheet HTML 1Page - Fairchild Semiconductor FDN5630 Datasheet HTML 2Page - Fairchild Semiconductor FDN5630 Datasheet HTML 3Page - Fairchild Semiconductor FDN5630 Datasheet HTML 4Page - Fairchild Semiconductor FDN5630 Datasheet HTML 5Page - Fairchild Semiconductor FDN5630 Datasheet HTML 6Page - Fairchild Semiconductor FDN5630 Datasheet HTML 7Page - Fairchild Semiconductor FDN5630 Datasheet HTML 8Page - Fairchild Semiconductor

FDN5630 Product details

General Description

This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers.

This MOSFET features very low RDS(ON) in a small SOT23 footprint. Fairchild’s PowerTrench technology provides

faster switching than other MOSFETs with comparable RDS(ON) specifications. The result is higher overall efficiency with less board space.



Features

• 1.7 A, 60 V. RDS(ON) = 0.100 Ω @ VGS = 10 V

               RDS(ON) = 0.120 Ω @ VGS = 6 V.

• Optimized for use in high frequency DC/DC converters.

• Low gate charge.

• Very fast switching.

• SuperSOTTM - 3 provides low RDS(ON) in SOT23 footprint.



Applications

• DC/DC converter

• Motor drives




Similar Part No. - FDN5630

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDN5630 KEXIN-FDN5630 Datasheet
107Kb / 2P
   N-Channel PowerTrench MOSFET
FDN5630 KEXIN-FDN5630 Datasheet
1Mb / 4P
   N-Channel MOSFET
FDN5630-3 KEXIN-FDN5630-3 Datasheet
973Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDN5630-NL VBSEMI-FDN5630-NL Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results


Similar Description - FDN5630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com