Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP6670AL Datasheet (PDF) - Fairchild Semiconductor

FDP6670AL Datasheet PDF - Fairchild Semiconductor
Part # FDP6670AL
Download  FDP6670AL Download
File Size   413.56 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PowerTrenchTM MOSFET

FDP6670AL Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP6670AL Datasheet PDF - Fairchild Semiconductor

Part # FDP6670AL
Download  FDP6670AL Click to download

File Size   413.56 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PowerTrenchTM MOSFET

FDP6670AL Datasheet (HTML) - Fairchild Semiconductor


FDP6670AL Product details

General Description
This N-Channel Logic Level MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers.
These MOSFETs feature faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications.
The result is a MOSFET that is easy and safer to drive (even at very high frequencies), and DC/DC power supply designs with higher overall efficiency.
It has been optimized for low gate charge, low RDS(ON) and fast switching speed.

Features
• 80 A, 30 V
   RDS(ON) = 6.5 mW @ VGS = 10 V
   RDS(ON) = 8.5 mW @ VGS = 4.5 V
• Critical DC electrical parameters specified at
   elevated temperature
• High performance trench technology for extremely
   low RDS(ON)
• 175°C maximum junction temperature rating




Similar Part No. - FDP6670AL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP6670AL ISC-FDP6670AL Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDP6670AL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com