Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6572A Datasheet (PDF) - Fairchild Semiconductor

FDS6572A Datasheet PDF - Fairchild Semiconductor
Part # FDS6572A
Download  FDS6572A Download

File Size   75.78 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20V N-Channel PowerTrench MOSFET

FDS6572A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6572A Datasheet PDF - Fairchild Semiconductor

Part # FDS6572A
Download  FDS6572A Click to download

File Size   75.78 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20V N-Channel PowerTrench MOSFET

FDS6572A Datasheet (HTML) - Fairchild Semiconductor

FDS6572A Datasheet HTML 1Page - Fairchild Semiconductor FDS6572A Datasheet HTML 2Page - Fairchild Semiconductor FDS6572A Datasheet HTML 3Page - Fairchild Semiconductor FDS6572A Datasheet HTML 4Page - Fairchild Semiconductor FDS6572A Datasheet HTML 5Page - Fairchild Semiconductor

FDS6572A Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON) and fast switching speed.

Features
• 16 A, 20 V. RDS(ON) = 6 mW @ VGS = 4.5 V RDS(ON) = 8 mW @ VGS = 2.5 V
• Low gate charge (57 nC)
• High performance trench technology for extremely low RDS(ON)
• High power and current handling capability

Applications
• DC/DC converter



Similar Part No. - FDS6572A

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6570A FAIRCHILD-FDS6570A Datasheet
201Kb / 8P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
401Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A_08 Datasheet
401Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDS6572A

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6512A FAIRCHILD-FDD6512A Datasheet
74Kb / 5P
   20V N-Channel PowerTrench MOSFET
SI6426DQ FAIRCHILD-SI6426DQ Datasheet
164Kb / 5P
   20V N-Channel PowerTrench MOSFET
SI6466DQ FAIRCHILD-SI6466DQ Datasheet
161Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A_08 Datasheet
401Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com