Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6612A Datasheet (PDF) - Fairchild Semiconductor

FDS6612A Datasheet PDF - Fairchild Semiconductor
Part # FDS6612A
Download  FDS6612A Download
File Size   246.99 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel, Logic Level, PowerTrenchTM MOSFET

FDS6612A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6612A Datasheet PDF - Fairchild Semiconductor

Part # FDS6612A
Download  FDS6612A Click to download

File Size   246.99 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel, Logic Level, PowerTrenchTM MOSFET

FDS6612A Datasheet (HTML) - Fairchild Semiconductor


FDS6612A Product details

General Description
This N-Channel Logic Level MOSFET is produced using Fairchild Semiconductor’s advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
• 8.4 A, 30 V.
   RDS(ON) = 22 mW @ VGS = 10 V
   RDS(ON) = 30 mW @ VGS = 4.5 V
• Fast switching speed
• Low gate charge
• High performance trench technology for extremely low RDS(ON)
• High power and current handling capability




Similar Part No. - FDS6612A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FDS6612A MICROSEMI-FDS6612A Datasheet
339Kb / 18P
EVALUATION KIT
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
164Kb / 7P
Single N-Channel, Logic-Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6612A UMW-FDS6612A Datasheet
479Kb / 7P
30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS6612A-NL VBSEMI-FDS6612A-NL Datasheet
1,008Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
Single N-Channel, Logic-Level, PowerTrench MOSFET
More results


Similar Description - FDS6612A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
N-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com