Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6680A Datasheet (PDF) - Fairchild Semiconductor

FDS6680A Datasheet PDF - Fairchild Semiconductor
Part # FDS6680A
Download  FDS6680A Download

File Size   102.87 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel, Logic Level, PowerTrench MOSFET

FDS6680A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6680A Datasheet PDF - Fairchild Semiconductor

Part # FDS6680A
Download  FDS6680A Click to download

File Size   102.87 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel, Logic Level, PowerTrench MOSFET

FDS6680A Datasheet (HTML) - Fairchild Semiconductor

FDS6680A Datasheet HTML 1Page - Fairchild Semiconductor FDS6680A Datasheet HTML 2Page - Fairchild Semiconductor FDS6680A Datasheet HTML 3Page - Fairchild Semiconductor FDS6680A Datasheet HTML 4Page - Fairchild Semiconductor FDS6680A Datasheet HTML 5Page - Fairchild Semiconductor

FDS6680A Product details

General Description
This N-Channel Logic Level MOSFET is produced using Fairchild Semiconductor’s advanced Power Trench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.

Features
• 12.5 A, 30 V RDS(ON) = 9.5 mΩ @ VGS = 10 V
                       RDS(ON) = 13 mΩ @ VGS = 4.5 V
• Ultra-low gate charge
• High performance trench technology for extremely
   low RDS(ON)
• High power and current handling capability




Similar Part No. - FDS6680A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
logo
Guangdong Youtai Semico...
FDS6680A UMW-FDS6680A Datasheet
408Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
1,011Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6680AS FAIRCHILD-FDS6680AS_08 Datasheet
1,011Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results


Similar Description - FDS6680A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6670A FAIRCHILD-FDS6670A_03 Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com